Part Number Hot Search : 
74F82300 HER308 BUT11A 7456M 29GL032 MC10E MAX41 BA202
Product Description
Full Text Search
 

To Download NRLM822M80VF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Large Can Aluminum Electrolytic Capacitors
FEATURES * NEW SIZES FOR LOW PROFILE AND HIGH DENSITY DESIGN OPTIONS * EXPANDED CV VALUE RANGE RoHS * HIGH RIPPLE CURRENT * LONG LIFE Compliant includes all homogeneous materials * CAN-TOP SAFETY VENT * DESIGNED AS INPUT FILTER OF SMPS *See Part Number System for Details * STANDARD 10mm (.400") SNAP-IN SPACING SPECIFICATIONS
Operating Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Max. Leakage Current (A) After 5 minutes (20C) W.V. (Vdc) Max. Tan at 120Hz/20C Tan max. W.V. (Vdc) S.V. (Vdc) Surge Voltage W.V. (Vdc) S.V. (Vdc) Frequency (Hz) Ripple Current Correction Factors Multiplier at 85C Temperature (C) Low Temperature Capacitance Change Stability (10 to 250Vdc) Impedance Ratio Capacitance Change Load Life Test Tan 2,000 hours at +85C Leakage Current Capacitance Change Shelf Life Test 1,000 hours at +85C Tan (no load) Leakage Current Surge Voltage Test Capacitance Change Per JIS-C-5141 (table #6, #4) Tan Surge voltage applied: 30 seconds Leakage Current "On" and 5.5 minutes no voltage "Off" Capacitance Change Soldering Effect Refer to Tan MIL-STD-202F Method 210A Leakage Current -40 ~ +85C 16 ~ 250Vdc 180 ~ 68,000F 20% (M) 3x 16 0.50* 16 20 180 220 50 0.75 0 -5% 1.5 C(F)V
NRLM Series
-25 ~ +85C 350 ~ 450Vdc 56 ~ 680F
25 35 50 63 80 100 160~450 0.40* 0.35 0.30 0.25 0.20 0.20 0.15 25 35 50 63 80 100 160 32 44 63 79 100 125 200 200 250 350 400 450 250 300 400 450 500 60 100 120 500 1K 10K ~ 50K 0.80 0.95 1.00 1.05 1.08 1.15 -25 -40 -15% -30% 3 9 Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value Within 10% of initial measured value Less than specified maximum value Less than specified maximum value
(* 47,000F add 0.14, 68,000F add 0.35.) Sleeve Color: Dark Blue Can Top Safety Vent Insulation Sleeve and Minus Polarity Marking
0.8 D+1 Max. (-) (+)
10
D 0.5
Recommended PC Board Mounting Holes:
= 2 0.1 10 .1
(4.0mm Leads Available As Option) Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency.
L2
6.3 1
Chassis
MAXIMUM EXPANSION FOR SAFETY VENT Approx. 3.0mm
PC Board
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
144
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 6,800 8,200 10,000 Case Size 20x25 20x30 20x35 22x30 25x25 20x40 22x35 25x30 22x45 25x35 30x30 25x50 30x40 35x30 30x50 35x50 35x50 20x25 22x30 25x25 22x30 25.x25 22x35 25x30 30x25 22x50 25x40 30x30 25x50 30x40 30x50 35x40 35x50 22x25 20x25 20x35 22x30 25x25 22x35 25x30 25x35 22x45 25x40 30x30 35x25 25x50 30x40 35x30 30x50 35x40 35x50 ESR ( @ 20C) 120Hz 0.098 0.081 0.075 20KHz 0.083 0.069 0.063 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 3.15 3.62 3.47 3.99 3.78 4.35 W.V. 50 Cap (F) 2,200 3,300 4,700 6,800 0.053 0.045 5.26 6.05 8,200 0.038 0.032 6.10 7.02 10,000 Case Size 20x25 22x30 25x25 25x30 30x25 25x40 30x30 25x45 30x35 25x50 30x40 35x30 30x50 35x40 35x50 22x25 20x35 22x30 25x25 22x40 25x30 30x25 22x50 25x40 30x30 35x25 25x50 30x40 35x30 30x45 35x35 35x40 35x50 20x35 22x30 25x25 22x40 25x30 30x25 22x50 25x40 30x30 25x50 30x40 30x50 35x40 35x50 20x35 22x30 25x25 22x40 25x30 30x25 25x40 30x30 25x50 30x40 30x50 35x40 35x50 ESR ( @ 20C) 120Hz 0.151 0.100 0.071 0.049 0.040 0.036 20KHz 0.113 0.075 0.053 0.037 0.030 0.027
NRLM Series
Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 2.26 2.60 2.73 3.14 3.03 3.85 4.41 4.97 3.48 4.43 5.07 5.72
15,000 16 22,000
33,000 47,000 68,000 4,700 6,800 8,200 10,000 25 15,000 22,000 33,000 47,000 2,200 3,300 4,700 6,800 8,200 35 10,000
0.025 0.021 0.018 0.113 0.078 0.065 0.058
0.021 0.019 0.017 0.090 0.062 0.052 0.046
6.84 7.47 9.05 3.05 3.47 3.57 3.78
7.87 8.59 10.41 3.51 3.99 4.11
15,000 22,000 1,000 2,200
0.028 0.021 0.381 0.151
0.021 0.017 0.286 0.113
6.44 7.57 1.20 2.52
7.41 8.71 1.38 2.90
3,300
0.105
0.079
4.10
4.72
4,700 4.35
0.081
0.061
4.86
5.59
0.039 0.029 0.020 0.017 0.181 0.111 0.078 0.066 0.057 0.050
0.031 0.023 0.017 0.015 0.136 0.083 0.058 0.049 0.042 0.037
4.63 6.10 6.84 8.00 1.40 2.73 3.26 3.68 4.00 4.42
5.32 7.02 7.87 9.20 1.61 3.14 3.75
6,800
0.061
0.046
5.84
6.72
8,200 10,000 12,000 1,500
0.051 0.041 0.035 0.177
0.046 0.033 0.028 0.133
6.00 6.52 7.15 2.26
6.90 7.50 8.22 2.60
2,200 4.23 4.60 5.08 80 3,300 4,700 6,800 0.036 0.026 0.018 0.027 0.020 0.014 5.57 6.10 7.15 6.41 7.02 8.22 1,500 8,200 1,000
0.121
0.090
2.73
3.14
0.085 0.063 0.046 0.038 0.216
0.064 0.048 0.035 0.029 0.140
3.21 4.09 5.16 5.83 1.96
3.69 4.70 5.93 6.70 2.25
15,000 22,000 33,000
0.155 0.121 0.090 0.071 0.049
0.101 0.078 0.059 0.049 0.037
2.57 3.14 4.06 5.13 6.60
2.96 3.61 4.67 5.90 7.59
PART NUMBER SYSTEM NRLM 222 M 50V 20X25 F
RoHS compliant Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series
100
2,200 3,300 4,700 6,800
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
145
Large Can Aluminum Electrolytic Capacitors
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
W.V. Cap (F) 330 470 680 160 820 1,000 1,500 2,200 220 330 Case Size 22x25 22x30 25x25 25x35 30x25 25x35 30x30 25x45 30x35 35x30 30x45 35x45 35x45 22x25 25x25 20x35 22x30 25x25 22x35 25x30 30x25 22x45 25x35 30x30 25x45 30x35 35x25 25x50 30x40 35x30 30x50 35x40 35x50 22x30 25x25 22x35 25x30 30x25 22x45 25x40 30x30 25x50 30x40 35x30 30x45 35x45 30x50 35x40 30x50 35x40 35x50 ESR ( @ 20C) 120Hz 0.553 0.423 0.293 0.263 0.232 0.166 0.113 0.904 0.553 20KHz 0.276 0.212 0.146 0.131 0.128 0.910 0.073 0.407 0.249 Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 1.45 2.03 2.50 2.50 2.75 3.00 3.73 4.78 0.87 1.56 2.95 3.50 3.85 220 4.20 5.22 6.69 1.22 2.18 350 330 470 560 680 68 82 100 0.268 0.121 2.68 3.75 400 150 0.243 0.109 2.93 4.10 220 330 470 0.144 0.098 0.904 0.653 0.072 0.054 0.360 0.261 3.87 4.92 1.17 1.75 5.42 6.89 1.64 82 2.45 450 0.388 0.155 2.11 2.95 220 0.268 0.222 0.199 0.168 0.133 0.107 0.089 0.090 0.083 0.066 2.50 2.77 3.32 3.87 4.04 3.50 330 3.88 4.65 4.94 5.66 470 100 56 68 150 W.V. Cap (F) 100 Case Size 20x35 22x30 22x35 25x30 30x25 22x45 25x40 30x30 35x25 25x50 30x40 35x30 30x50 35x40 35x45 35x50 20x30 22x25 20x30 22x25 20x35 22x30 25x25 25x30 30x25 25x40 30x30 30x40 35x45 35x45 20x30 22x25 22x25* 22x30 20x35 22x30 25x25 22x35 25x30 30x25 25x50 30x40 35x30 30x50 35x40 35x50 ESR ( @ 20C) 120Hz 1.658 1.105 20KHz 0.580 0.387
NRLM Series
Max. Ripple Current (Arms@85C) 120Hz 10K ~ 50KHz 0.91 1.12 1.27 1.57
0.754
0.264
1.44
2.02
0.502 0.388 0.355 0.293 2.438 2.022 1.658 1.105 0.754 0.553 0.388 2.960 2.438 2.022
0.176 0.136 0.142 0.117 0.853 0.708 0.580 0.387 0.264 0.193 0.136 1.184 0.975 0.809
1.88 2.40 2.60 2.96 0.76 0.83 0.92 1.16 1.49 1.90 2.39 0.70 0.76 0.83
2.63 3.36 3.64 4.14 1.06 1.16 1.29 1.62 2.09 2.66 3.35 0.98 1.06
470
0.388
0.175
1.85
2.59
200
680
820
1,000 1,500 2,200 220 330
0.199
0.090
3.25
4.55
1.16
1.658
0.663
0.93
1.30
470 250
0.754 0.533 0.423
0.301 0.249 0.233
1.55 2.01 2.53
2.17 2.81 3.54
680 820 1,000 1,500 1,500
* Special Size.
(R)
146
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRLM822M80VF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X